Part Number Hot Search : 
MMBT5551 F1202 1884649 201R0 XXXCX 74LX1G02 PC727 2M10V6
Product Description
Full Text Search
 

To Download OPB821XV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin OPB821TX September 1996
Hi-Rel Slotted Optical Switches
Types OPB821TX, OPB821TXV
24.0 (609.60)
#24 AWG
Features *Non-contact switching *Hermetically sealed components *Components processed to Optek' s
screening program patterned after MIL-PRF-19500 for TX and TXV devices
Absolute Maximum Ratings (TA = 25o C unless otherwise noted)
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65o C to +125o C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65o C to +150o C Input Diode Forward DC Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0 V Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW(1) Output Phototransistor Collector-Emitter Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 V Emitter-Collector Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW(1)
Notes: (1) Derate Linearly 1.00 mW/o C above 25o C. (2) Methanol or isopropanol are recommended cleaning agents.
Description
The OPB821TX or OPB821TXV consists of a gallium aluminum arsenide LED and a silicon phototransistor soldered into a printed circuit board, then mounted in a high temperature plastic housing on opposite sides of an 0.080 inch (2.03 mm) wide slot. Lead wires are #24 AWG polytetraflouroethylene (PTFE) insulated conforming to MIL-W-16878. Phototransistor switching takes place whenever an opaque object passes through the slot. For maximum output signal, neither the LED or the phototransistor in the OPB821TX or the OPB821TXV is apertured. The OPB821TX and OPB821TXV use optoelectronic components that have been processed and tested as either TX or TXV components per MIL-PRF-19500. Typical screening and lot acceptance tests are provided on page 13-4.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006 13-38
(972) 323-2200
Fax (972) 323-2396
Types OPB821TX, OPB821TXV
Electrical Characteristics (TA = 25o C unless otherwise noted) Symbol Input Diode
Forward Voltage(3) VF 1.00 1.20 0.80 IR Reverse Current 1.35 1.55 1.20 0.1 1.70 1.90 1.60 100 V V V A IF = 20.0 mA IF = 20.0 mA, TA = -55o C IF = 20.0 mA, TA = 100o C VR = 2.0 V
Parameter
Min
Typ
Max Units
Test Conditions
Output Phototransistor
V(BR)CEO V(BR)ECO IC(off) 10 100 Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Dark Current 50 7.0 110 10.0 0.2 100 V V nA A A A A 0.20 12.0 12.0 0.30 20.0 20.0 V s s IC = 1.0 mA, IF = 0 IE = 100 A, IF = 0 VCE = 10.0 V, IF = 0 VCE = 10.0 V, IF = 0, TA = 100o C
Coupled
On-State Collector Current(3) IC(on) 800 500 500 VCE(SAT) tr tf Collector-Emitter Saturation Voltage Output Rise Time Output Fall Time VCE = 10.0 V, IF = 20.0 mA VCE = 10.0 V, IF = 20.0 mA, TA = -55o C VCE = 10.0 V, IF = 20.0 mA, TA = 100o C IC = 250 A, IF = 20.0 mA VCC = 10.0 V, IF = 20.0 mA, RL = 1,000
(3) Measurement is taken during the last 500 s of a single 1.0 ms test pulse. Heating due to increased pulse rate or pulse width can cause change in measurement results.
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. Optek Technology, Inc. 1215 W. Crosby Road Carrollton, Texas 75006 (972)323-2200 Fax (972)323-2396 13-39


▲Up To Search▲   

 
Price & Availability of OPB821XV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X